Part Number Hot Search : 
3N133 HT77XX07 D2N120CD AN302 TC4420 GCF10A60 TM3091 0AR3333X
Product Description
Full Text Search
 

To Download LR07DT1020LH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LR
resistors
custom milliohm resistor
EU
features * The super low resistance (3m ~) is suitable for high power current detection * Pitches and heights adjustable according to mounting conditions * All custom-made products * Easy soldering * Non-inductive type * Products with lead-free terminations meet EU RoHS requirements
Size Code LR06D Dimensions inches (mm) a od b .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .039 .118.019 (1 Max.) (3.00.5) .024 (0.6) .028 (0.7) .031 (0.8) .035 (0.9) .039 (1.0) .043 (1.1) .047 (1.2) .051 (1.3) .055 (1.4) .059 (1.5) .063 (1.6) .071 (1.8) .079 (2.0) .091 (2.3) .102 (2.6) .114 (2.9)
dimensions and construction
LR07D L Style od T Style od LR09D LR10D H* Resistive Wire Solder Coat P* a b P* H* Resistive Wire Solder Coat a LR14D LR15D LR16D LR18D LR20D LR23D LR26D LR29D b LR13D LR11D LR12D LR08D
ordering information
New Part # LR Type 09 Symbol 06~20: L-Style 20~29: T-Style D Termination Material D: SnAgCu L Style L T 10 Insertion Pitch Insertion Pitch
* Please consult with us about dimensions "P" and "H" ** T style is applied for the diameter of o 2.0 or above 20L Nominal Resistance 3 digits J Resistance Tolerance H: 3% J: 5%
2/08/08
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
54
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
LR
custom milliohm resistor applications and ratings
Part Designation LR06D LR07D LR08D LR09D LR10D LR11D LR12D LR13D LR14D LR15D LR16D LR18D LR20D LR23D LR26D LR29D Symbol 06 07 08 09 10 11 12 13 14 15 16 18 20 23 26 29 Maximum Current Rating (A) 3.0 4.0 4.5 5.0 5.5 6.0 7.0 7.5 8.0 9.0 9.5 11 12 14 18 21 Resistance Range 50m - 100m 30m - 70m 20m - 50m 20m - 40m 15m - 30m 15m - 20m 10m - 20m 10m - 20m 10m - 20m 10m - 20m 10m - 15m 5m - 10m 5m - 10m 3m - 10m 3m - 5m 3m - 5m H: 3% J: 5% 100 +70C -40C to +180C Resistance Tolerance T.C.R. (ppm/C) Max. Rated Ambient Temperature Operating Temperature Range
resistors
* Other resistances are also available on request.
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0
-40
-20
0
20
80 100 70 Ambient Temperature (C)
40
60
120 140
160 180
Performance Characteristics
Parameter Resistance T.C.R. Resistance to Soldering Heat Moisture Resistance Endurance at 70C
Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 2.0% 3.0% 5.0% 1.6% 2.7% 3.0%
Test Method 25C Room temp. +100C UP 350C 10C, 3 seconds Power rating x 1/10, 40C, 90% - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle Rated voltage, 70C, 1000 hours 1.5 hr ON, 0.5 hr OFF cycle
2/08/08
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
55


▲Up To Search▲   

 
Price & Availability of LR07DT1020LH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X